Part Number Hot Search : 
HACB2J 241KD10 PTB20162 D1554 TLP296G KBU608 DTA044TM C4600
Product Description
Full Text Search
 

To Download TW8806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Techwell
LCD DIsplay Processors
Mixed Signal Semiconductor Solutions
TECHWELL DISPLAY
Features
www..com
TW8806/TW8807
LCD Display Processors with built-in Video Decoder and T-CON *TW8806 supports digital panels, TW8807 supports analog panels
Techwell's TW8806 / TW8807 LCD display processor is a low cost high quality TFT panel controller with embedded NTSC/PAL/SECAM TV decoder. This unique level of mixed signal integration enables the panel to be used as a stand-alone LCD display for in car entertainment, portable DVD and portable LCD TV applications. An integrated triple analog-to-digital converter supports YPbPr/RGB component input and allows direct connection to DVD and Navigation sources. In addition, flexible digital inputs supports 24bit Digital RGB and 8/16/24-bit YCbCr inputs. The TW8806 /TW8807 contains all the logic required to convert standard TV, DTV, and PC monitor signals to the digital control and data signals required to drive various TFT panel types. It supports TFT panel resolutions up to 1280 by 768 with 1-pixel/clock formats. The chip has nine analog inputs. This enables a number of input combinations simultaneously. For example, the chip can accept up 4 CVBS inputs simultaneously.The chip can also accept one CVBS, one S-Video, one Component and one analog RGB simultaneously. The integrated analog front-end contains three ADCs with three clamping circuits and one Automatic Gain Control (AGC) circuit to minimize external component count. It employs a 4H, 5-line adaptive comb filter and proprietary Y/C processing technologies to produce exceptionally high quality pictures. The chip's internal logic synchronizes the panel frame rate to the incoming input frame rate. A high quality image-scaling engine is used to convert the lower resolution formats or high resolution DTV formats to the output panel resolution. An internal de-interlacing engine also allows interlaced video to be supported. On Screen Display is supported through an on-chip OSD RAM for maximum flexibility. A Closed Caption decoder is built in. The TW8806/TW8807 also accepts a 24 bit digital RGB input from external PanelLinkTM receiver or ADCs for use as computer monitor. In addition, it accepts 8/16/24 bits digital YCbCr input for use with external ADCs for use as DTV monitor. The TW8806/TW8807 also supports TFT panel power sequencing, DPMS (VESATM Display Power Management Signaling) signaling and power management. The control interface is a 2-wire serial bus interface. The TW8806/TW8807 core operates at 1.8 V, the IO at 3.3 V and packaged in a 128-pin PQFP package.
Target Applications
Rear seat car entertainment displays Portable DVD players Portable LCD TVs LCD monitors with TV
Features
Integrated high performance NTSC/PAL/SECAM video decoder Built in high quality De-interlacing engine Black / white / blue stretch for higher contrast Favorite color enhancement Integrated timing controller (T-CON) with digital and analog panel support QVGA up to WXGA panel resolution support Low power consumption (600 mW) Small form factor 128-pin PQFP
Video Decoder and Processing
Three 9-bit ADCs and analog clamping circuit Fully programmable static gain or automatic gain control for the Y or CVBS channel Programmable white peak control for the Y or CVBS channel Software selectable analog inputs allows any of the following combinations: Up to 4 composite video Up to 2 S-Video 1 YPbPr component 1 RGB 4-H adaptive comb filter Y/C separation Image enhancement with 2D dynamic peaking and CTI Programmable hue, brightness, saturation, contrast, sharpness, Gamma control, and noise supression Detection of level of copy protection according to Macrovision standard Buffered CVBS output
Techwell
Mixed Signal Semiconductor Solutions
www.techwellinc.com
LCD Display Processor
TW8806/TW8807
TW8806 / TW8807 Block Diagram
CIN0
CD Display Processors with built-in Video Decoder and T-CON *TW8806 supports digital panels, TW8807 supports analog panels
OSD
MUX
CIN1 CIN2
3X Analog Front End
C h r o ma D e m o d u l a t i on
Spead Spectrum PLL
Alpha Blending TCON
VIN1
MUX
VIN0
TCON signals
YUV Pro c essing
YIN0
FPR [7:0]
Image Enhancement
Scaler / Deinterlacer
MUX
YIN1
Panel Timing Generator
FPG [7:0] FPB [7:0]
MUX
MUX
Triple DAC
www..com YIN3
Color Matrix
YIN2
Gamma / Dither
Line Buffers
FPVS FPHS FPDE FPCLK FPPWC FPBIAS ROUT GOUT BOUT
SOG SYNC
PLL
DTVCLK DTVVS DTVHS DTVDE DTVD [23:0] COAST
Sync Processors
4H Adaptive Comb Filter
DTV I/F
MC SDA
Input Format Measurement
Registers
2 Wire Serial Bus
MC SCL MC SIA
24bit Digital RGB and 8/16/24-bit YCbCr Inputs
Allows connection to analog PC Graphics cards with the addition of a 3 channel A/D converter for up to WXGA resolution Allows YCbCr digital component input for DTV 480p, 720p, 1080i For connection to digital PC graphics cards (with the addition of a PanelLinkTM DVI interface receiver)
TFT Panel Support
Supports digital and analog LCD panels Supports a wide variety of active matrix TFT panels one pixel per clock Supports panel with resolution up to WXGA (1280 x 768) Supports 3, 4, 6 or 8 bits per pixel up to 16.8 million colors
Timing Controller (TCON)
Support programmable interface signals for control column(source) driver / row(gate) driver Support analog RGB output Programmable VCOM output Dual channel charge pump output with back sensing
Miscellaneous
Supports 2-wire serial bus interface Spread spectrum PLL 5V tolerant I/O Power-down mode Typical power consumption 600 mW Single 27MHz crystal 128-pin PQFP package
Analog RGB / YCbCr Inputs
Allow direct connection to analog RGB or YCbCr input up to WVGA or 480p resolution Built-in PLL support for embedded or separated sync Input measurement support
About Techwell
Techwell is a fabless semiconductor company that designs, markets and sells mixed signal integrated circuits for multiple digital video applications in the consumer, security surveillance and automotive markets, including advanced TVs, multifunction LCD monitors, DVD Recorders, security surveillance systems and in-car LCD displays. Founded in 1997, we currently have over 70 employees and are headquartered in San Jose, California, with additional R&D and sales activities in South Korea, Japan, Taiwan and China.
Techwell
For more information on Techwell, please contact us at 1-408-435-3888
(c) 2006 Techwell Inc. All rights reserved. All other trademarks are property of their respective owners
Mixed Signal Semiconductor Solutions
TECHWELL INC.
TEL 1-408-435-3888 www.techwellinc.com


▲Up To Search▲   

 
Price & Availability of TW8806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X